PART |
Description |
Maker |
MAX3311E MAX3311ECUB MAX3311EEUB MAX3311E-MAX3313E |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 ±15kV ESD保护60kbpsµA、RS-232兼容收发器,µMAX封装 ±.15kV ESD-Protected.460kbps.1µ.A.RS-232-Compatible Transceivers in µ.MAX ±15kV ESD-Protected, 460kbps, 1μA, RS-232-Compatible Transceivers in μMAX 15kV ESD-Protected, 460kbps, 1A, RS-232-Compatible Transceivers in MAX " ?à15kV ESD-Protected, 460kbps, 1?A, RS-232-Compatible Transceivers in ?MAX" 15kV ESD-Protected 460kbps 1A RS-232-Compatible Transceivers in MAX 【15kV ESD-Protected, 460kbps, 1レA, RS-232-Compatible Transceivers in レMAX 15kV ESD-Protected / 460kbps / 1A / RS-232-Compatible Transceivers in MAX ±15kV ESD-Protected, 460kbps, 1µA, RS-232-Compatible Transceivers in µMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3093E MAX3093ECPE MAX3093ECSE MAX3093ECUE MAX30 |
±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Replaced by TMS320C6455 : Multimedia Video Processor 305-CPGA ??5kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Floating-Point Digital Signal Processor 256-BGA QUAD LINE RECEIVER, PDSO16 15kV ESD-Protected / 10Mbps / 3V/5V / Low-Power Quad RS-422/RS-485 Receivers " ?à15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers" 15kV ESD-Protected 10Mbps 3V/5V Low-Power Quad RS-422/RS-485 Receivers 【15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers ±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
|
MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX3244E MAX3226E MAX3224E MAX3224ECAP MAX3224ECPP |
卤15kV ESD-Protected, 1µA, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus 15kV ESD-Protected 1A 1Mbps 3.0V to 5.5V RS-232 Transceivers with AutoShutdown Plus 15kV ESD-Protected, 1A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus 【15kV ESD-Protected, 1レA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus 【15KV ESD-PROTECTED, 1ヌA, 1MBPS, 3.0V TO 5.5V, RS-232 TRANSCEIVERS WITH AUTOSHUTDOWN PLUS -15kV ESD-protected, 1microA, 1Mbps, 3.0V to 5.5V, RS-232 transceiver with autoshutdown plus.
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX221E MAX221ECAE MAX221ECUE MAX221EEAE MAX221EEU |
±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown 15kV ESD-Protected, 5V, 1A, Single RS-232 Transceiver with AutoShutdown 【15kV ESD-Protected, 5V, 1レA, Single RS-232 Transceiver with AutoShutdown ±15kV ESD-Protected, 5V, 1µA, Single RS-232 Transceiver with AutoShutdown
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3000E MAX3002EUP MAX3001EAUP MAX3003EUP MAX3001 |
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ??5kV ESD-Protected, 0.1??, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 5kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators SPECIALTY INTERFACE CIRCUIT, PDSO20 CLAMP 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
ADM3075EWYRZ-RL7 ADM3078EYRZ-REEL7 ADM3078EARZ ADM |
3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 16 Mbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps) Full-Duplex, RS-485/RS-422 Transceivers 3.3 V, 15,-15 kV ESD-Protected LINE TRANSCEIVER, PDSO8 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 250 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 500 kbps, DE/RE)
|
ANALOG DEVICES INC
|
ISL4243EIRZ-T ISL4241E ISL4241EIR ISL4241EIR-T ISL |
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers TRIPLE LINE TRANSCEIVER, PQCC32 QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers(QFN 封装, ±15kV ESD防护, 2.7V5.5V, 10毫微 250kbps, RS-232收发 CON BLOCK 2 ASY
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL4238EIRZ ISL4245EIRZ-T ISL4238E ISL4238EIR ISL4 |
QFN Packaged, 卤15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown(QFN灏??, 卤15kV ESD ?叉?, 2.7V??5.5V, 10Nanoamp, 250kbps/1Mbps, ?锋????????????S-232?跺??? 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PQCC32 QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown(QFN封装, ±15kV ESD 防护, 2.7V5.5V, 10Nanoamp, 250kbps/1Mbps, 具有自动断电功能的RS-232收发 QFN Packaged, 5kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown QFN Packaged, 【15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL83386EIV-T ISL83386EIV ISL83386E |
RS-232 Transceiver, 3T/2R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Manual Powerdown with VL 15kV ESD Protected/ 3V to 5.5V/ 1 Microamp/ 250kbps/ RS-232 Transmitters/Receivers with Separate Logic Supply 15kV ESD Protected 3V to 5.5V 1 Microamp 250kbps RS-232 Transmitters/Receivers with Separate Logic Supply 【15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
|
INTERSIL[Intersil Corporation]
|
ISL4221E ISL4221EIR-T ISL4221EIR ISL4223EIR-T ISL4 |
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receiv QFN Packaged /-15kV ESD Protected 2.7V to 5.5V 150Nanoamp 250kBps RS-232 Transmitters/Receivers QFN Packaged/ /-15kV ESD Protected/ 2.7V to 5.5V/ 150Nanoamp/ 250kBps/ RS-232 Transmitters/Receivers RS-232 Transceiver, 2T/2R, 2.7V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown RS-232 Transceiver, 1T/1R, 2.7V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown
|
INTERSIL[Intersil Corporation]
|
|